Part Number Hot Search : 
UR1105W CPC1727J DHPH201U BR1006 B45197 1N5594B N6068 BD901
Product Description
Full Text Search
 

To Download SF4004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF4001...SF4007
Vishay Telefunken
Super Fast Soft Recovery Rectifier
Features
D D D D
Glass passivated Hermetically sealed axial leaded glass envelope Low reverse current High reverse voltage
Applications
Switched mode power supplies High-frequency inverter circuits
94 9539
Absolute Maximum Ratings
Tj = 25_C Parameter Reverse voltage g =Repetitive peak reverse voltage Test Conditions Type SF4001 SF4002 SF4003 SF4004 SF4005 SF4006 SF4007 Symbol VR=VRRM VR=VRRM VR=VRRM VR=VRRM VR=VRRM VR=VRRM VR=VRRM IFSM IFAV Tj=Tstg Value Unit 50 V 100 V 200 V 400 V 600 V 800 V 1000 V 30 A 1 A -55...+175 C
Peak forward surge current Average forward current Junction and storage temperature range
tp=10 ms, half sinewave Lead length l = 10 mm
Maximum Thermal Resistance
Tj = 25_C Parameter Junction ambient Test Conditions Lead length l = 10 mm, TL = constant mounted on epoxy-glass hard tissue, d = 25 mm Symbol RthJA RthJA Value 45 100 Unit K/W K/W
Document Number 86060 Rev. 3, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 1 (5)
SF4001...SF4007
Vishay Telefunken Electrical Characteristics
Tj = 25_C Parameter Forward voltage g Reverse current Reverse breakdown voltage Test Conditions IF =1A VR=VRRM VR=VRRM, Tj=125C IR=100mA m Type SF4001-SF4004 SF4005-SF4007 Symbol VF VF IR IR V(BR)R V(BR)R V(BR)R V(BR)R V(BR)R V(BR)R V(BR)R trr trr Min Typ Max 1 1.7 5 50 Unit V V
mA mA
V V V V V V V ns ns
Reverse recovery y time
IF=0.5A, IR=1A, iR=0.25A
SF4001 SF4002 SF4003 SF4004 SF4005 SF4006 SF4007 SF4001-SF4004 SF4005-SF4007
50 100 200 400 600 800 1000 50 75
Characteristics (Tj = 25_C unless otherwise specified)
R thJA - Therm. Resist. Junction / Ambient ( K/W ) 120 I FAV- Average Forward Current ( A ) 100 80 60 l 40 20 0 0 5 10 15 TL=constant 20 25 30
96 12130
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100 120 140 160 180 Tamb - Ambient Temperature ( C ) SF4001...SF4004 VR = VR RM fv1kHz RthJA PC Board
v100K/W
l
94 9552
l - Lead Length ( mm )
Figure 1. Max. Thermal Resistance vs. Lead Length
Figure 2. Max. Average Forward Current vs. Ambient Temperature
www.vishay.de * FaxBack +1-408-970-5600 2 (5)
Document Number 86060 Rev. 3, 24-Jun-98
SF4001...SF4007
Vishay Telefunken
2.0 I FAV- Average Forward Current ( A ) 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0
96 12131
10.000 SF4005...SF4007 VR = VR RM fv1kHz RthJA PC Board SF4001...SF4004 I F - Forward Current ( A ) 1.000 Tj = 175C Tj = 25C 0.100
v100K/W
0.010
0.001 20 40 60 80 100 120 140 160 180
96 12048
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 VF - Forward Voltage ( V )
Tamb - Ambient Temperature ( C )
Figure 3. Max. Average Forward Current vs. Ambient Temperature
2.0 I FAV- Average Forward Current ( A ) 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0
96 12052
Figure 6. Max. Forward Current vs. Forward Voltage
10.000 SF4001...SF4004 VR = VR RM fv1kHz RthJA l=10mm SF4005...SF4007 1.000 Tj = 175C 0.100 Tj = 25C 0.010
I F - Forward Current ( A )
v45K/W
0.001 20 40 60 80 100 120 140 160 180
96 12050
0
0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 VF - Forward Voltage ( V )
Tamb - Ambient Temperature ( C )
Figure 4. Max. Average Forward Current vs. Ambient Temperature
2.0 I FAV- Average Forward Current ( A ) 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0
96 12053
Figure 7. Max. Forward Current vs. Forward Voltage
1000 SF4005...SF4007 VR = VR RM fv1kHz RthJA l=10mm SF4001...SF4007 I R - Reverse Current ( mA )
v45K/W
VR = VRRM
100
10
1 20 40 60 80 100 120 140 160 180
96 12056
25
50
75
100
125
150
175
Tamb - Ambient Temperature ( C )
Tj - Junction Temperature ( C )
Figure 5. Max. Average Forward Current vs. Ambient Temperature
Figure 8. Max. Reverse Current vs. Junction Temperature
Document Number 86060 Rev. 3, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 3 (5)
SF4001...SF4007
Vishay Telefunken Dimensions in mm
3.6 max. Sintered Glass Case SOD 57 Weight max. 0.5 g Cathode Identification
technical drawings according to DIN specifications 94 9538
0.82 max.
26 min.
4.2 max.
26 min.
www.vishay.de * FaxBack +1-408-970-5600 4 (5)
Document Number 86060 Rev. 3, 24-Jun-98
SF4001...SF4007
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
Document Number 86060 Rev. 3, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 5 (5)


▲Up To Search▲   

 
Price & Availability of SF4004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X